Part Number Hot Search : 
CAT9554A 7BZXC JDV2S02E MS12864 BPJR04 B65819 DS2168Q C1103
Product Description
Full Text Search
 

To Download LTC600-SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LTC 600-SF
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN =
500 A
Electrical data
IPN IP IP RM Primary nominal r.m.s. current Primary current, measuring range @ 24 V Max overload not measurable Measuring resistance with 15 V with 24 V ISN KN VC IC Vd Ve @ 500 A max @ 1200 A max @ 500 A max @ 1500 A max 500 A 0 .. 1500 A 10 / 10 kA/ms RM min RM max 0 0 0 0 70 5 150 20 mA V mA kV kV kV
Features
* Closed loop (compensated) current
transducer using the Hall effect
* Insulated plastic case recognized
according to UL 94-V0
* Transducer delivered with feet * Railway equipment.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn R.m.s. voltage for partial discharge extinction
100 1 : 5000 15 .. 24 < 30 (@24V) +IS 13.4 1) 1.5 2) > 2.8 3)
Advantages
* * * * * * *
Excellent accuracy Very good linearity Low temperature drift Optimized response time Wide frequency bandwidth No insertion losses High immunity to external interference * Current overload capability.
Accuracy - Dynamic performance data
XG Overall accuracy @ IPN , TA = 25C @ IPN , TA = - 40C .. + 85C Linearity Offset current @ IP = 0, TA = 25C Thermal drift of IO Response time 4) @ 90 % of IPN di/dt accurately followed Frequency bandwidth (- 1 dB) < 0.7 < 1.6 < 0.1 Max 0.5 1 <1 > 100 DC .. 100 % % % mA mA s A/s kHz
L
IO IOT tr di/dt f
Applications
* AC variable speed drives and servo
motor drives
- 40C .. + 85C
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ TA = 85C Mass Standards
1) 2) 3) 4)
* Static converters for DC motor drives * Battery supplied applications * Uninterruptible Power Supplies
(UPS)
- 40 .. + 85 C - 45 .. + 90 C 44 780 g EN 50155 (01.12.20)
* Switched Mode Power Supplies
(SMPS)
* Power supplies for welding
applications.
Notes :
Between primary and secondary + shield Between secondary and shield Test carried out with a busbar 40 mm centred in the through-hole With a di/dt of 100 A/s. 030528/0
LEM Components
w w w.lem.com
Dimensions LTC 600-SF (in mm. 1 mm = 0.0394 inch)
Front view Left view
Secondary terminals
Terminal + : supply voltage + 15 .. 24 V Terminal M : measure Terminal - : supply voltage - 15 .. 24 V Terminal E : shield
Connection
or
Top view Mechanical characteristics
* General tolerance * Fixing the transducer
Fastening torque max * Primary through-hole * Connection of secondary Fastening torque max 1 mm 4 slots 6.5 mm 4 screws M6 5 Nm 42 mm M5 threaded studs 2.2 Nm or 1.62 Lb.-Ft. Faston 6.3 x 0.8 mm
Remarks
* IS is positive when IP flows in the direction of the arrow. * Temperature of the primary conductor should not exceed
100C.
* Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
* This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LTC600-SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X